PART |
Description |
Maker |
GS8324Z18B-225I GS8324Z18B-250I GS8324Z18B-133I GS |
225MHz 6.5ns 2M x 18 36Mb sync NBT SRAM 250MHz 6ns 2M x 18 36Mb sync NBT SRAM 133MHz 11ns 2M x 18 36Mb sync NBT SRAM 166MHz 8.5ns 2M x 18 36Mb sync NBT SRAM 150MHz 10ns 2M x 18 36Mb sync NBT SRAM 200MHz 7.5ns 2M x 18 36Mb sync NBT SRAM 166MHz 7ns 2M x 18 36Mb sync NBT SRAM 133MHz 11ns 1M x 36 36Mb sync NBT SRAM 150MHz 10ns 1M x 36 36Mb sync NBT SRAM 166MHz 8.5ns 1M x 36 36Mb sync NBT SRAM 200MHz 7.5ns 1M x 36 36Mb sync NBT SRAM 225MHz 6.5ns 1M x 36 36Mb sync NBT SRAM 250MHz 6ns 1M x 36 36Mb sync NBT SRAM
|
GSI Technology
|
AS7C3364PFS36A-166TQI AS7C3364PFS32A AS7C3364PFS32 |
3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 9 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 36 STANDARD SRAM, 10 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 10 ns, PQFP100 DIODE ZENER SINGLE 1000mW 16Vz 15.5mA-Izt 0.05 5uA-Ir 12.2Vr DO41-GLASS 5K/REEL 64K X 36 STANDARD SRAM, 12 ns, PQFP100 3.3V 64K X 32/36 pipeline burst synchronous SRAM 64K X 32 STANDARD SRAM, 12 ns, PQFP100
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
AS7C3256PFD18A-4TQC AS7C3256PFD16A-4TQC AS7C3256PF |
3.3V 256K x 16 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 100 MHz 256K X 18 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 256K X 16 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 3.3V 256K x 16/18 pipeline burst synchronous SRAM 3.3V 256K x 18 pipeline burst synchronous SRAM, 166 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 150 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 18 pipeline burst synchronous SRAM, 100 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 133 MHz 3.3V 256K x 16 pipeline burst synchronous SRAM, 166MHz
|
Alliance Semiconductor, Corp.
|
MT54W4MH8B MT54W4MH8B-5 MT54W4MH8BF-4 MT54W2MH18B- |
36Mb QDR?┥I SRAM 2-WORD BURST 36Mb QDR⑩II SRAM 2-WORD BURST
|
MICRON[Micron Technology]
|
GS8330LW72C-200 GS8330LW36C-250I GS8330LW36C-200 G |
36Mb x1Lp CMOS I/O Late Write SigmaRAM 512K X 72 LATE-WRITE SRAM, 2.1 ns, PBGA209 36Mb Σ1x1Lp CMOS I/O Late Write SigmaRAM
|
GSI Technology, Inc.
|
GS8320Z36T-166V GS8320Z36T-133V GS8320Z36T-166VT G |
36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 7 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 8.5 ns, PQFP100 1M X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 1M X 36 ZBT SRAM, 7 ns, PQFP100 ROHS COMPLIANT, TQFP-100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 6.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 5.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 1M X 36 ZBT SRAM, 6 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 7 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 8.5 ns, PQFP100 36Mb Pipelined and Flow Through Synchronous NBT SRAMs 2M X 18 ZBT SRAM, 7.5 ns, PQFP100
|
GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
AS7C33256P AS7C33256PFD18B AS7C33256PFD18BV.1.2 AS |
3.3V 256K x 18 pipeline burst synchronous SRAM 256K X 18 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 256K 】 18 pipeline burst synchronous SRAM Sync SRAM - 3.3V From old datasheet system
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
GS8321Z32 |
36Mb NBT SRAMs
|
GSI Technology
|
AS5SP1M36DQR-167_ET AS5SP1M36DQR-167_IT AS5SP1M36D |
36Mb Pipelined Sync SRAM
|
Austin Semiconductor
|
GS832118GE-166 |
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
|
GSI Technology
|
GS8320EV18GT-225 GS8320EV18GT-133 GS8320EV18GT-133 |
2M x 18, 1M x 32, 1M x 36 36Mb Sync Burst SRAMs
|
GSI[GSI Technology]
|
|